PART |
Description |
Maker |
MM-1315-125 |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
FF-1585-40 |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
FF-1319-13 |
Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
|
JMK Inc.
|
AO4706 |
): 250 (@8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PLSP0020JB-A N-Channel Enhancement Mode Field Effect Transistor
|
Alpha & Omega Semiconductors
|
MM-0637A-40D |
Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
|
JMK Inc.
|
FF-1503-18 |
Operating Voltage = 125 Vac Operating Current (Max) = 18 AMP A/C
|
JMK Inc.
|
DN6844S |
Hall IC (Operating Supply Voltage Range Vcc=3.6 to 16V, Operating in Alternative Magnetic Field)
|
Panasonic
|
DN6853 |
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
|
PANASONIC CORP PANASONIC[Panasonic Semiconductor]
|
EA-0380-10A |
Operating Voltage = 115/250VAC Operating Current = 10 amperes
|
JMK Inc.
|
KK-1222-32 |
Operating voltage = 18 - 36 VDC Operating current (max) = 32 amperes
|
JMK Inc.
|